Part Number Hot Search : 
001547 SDA40AHF 68HC705 DI200 AK93C95A 21173668 AK93C95A ZTT400MG
Product Description
Full Text Search
 

To Download BSS145E6913 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet 1 05.99 sipmos ? small-signal transistor ? n channel ? enhancement mode ? v gs(th) = 1.4 ...2.3 v pin 1 pin 2 pin 3 g s d type v ds i d r ds(on) package marking bss 145 65 v 0.22 a 3.5 w sot-23 sbs type ordering code tape and reel information bss 145 q67000-s132 e6327 maximum ratings parameter symbol values unit drain source voltage v ds 65 v drain-gate voltage r gs = 20 k w v dgr 65 gate source voltage v gs 20 esd sensitivity (hbm) as per mil-std 883 class 1 continuous drain current t a = 31 ?c i d 0.22 a dc drain current, pulsed t a = 25 ?c i dpuls 0.88 power dissipation t a = 25 ?c p tot 0.36 w bss 145
bss 145 data sheet 2 05.99 maximum ratings parameter symbol values unit chip or operating temperature t j -55 ... + 150 ?c storage temperature t stg -55 ... + 150 thermal resistance, chip to ambient air r thja 350 k/w therminal resistance, chip-substrate- reverse side 1) r thjsr 285 din humidity category, din 40 040 e iec climatic category, din iec 68-1 55 / 150 / 56 1) for package mounted on aluminium 15 mm x 16.7 mm x 0.7 mm electrical characteristics, at t j = 25?c, unless otherwise specified parameter symbol values unit min. typ. max. static characteristics drain- source breakdown voltage v gs = 0 v, i d = 0.25 ma, t j = 25 ?c v (br)dss 65 - - v gate threshold voltage v gs = v ds, i d = 1 ma v gs(th) 1.4 2 2.3 zero gate voltage drain current v ds = 65 v, v gs = 0 v, t j = 25 ?c v ds = 65 v, v gs = 0 v, t j = 125 ?c i dss - - 8 0.1 50 0.5 a gate-source leakage current v gs = 20 v, v ds = 0 v i gss - 10 100 na drain-source on-state resistance v gs = 10 v, i d = 0.2 a v gs = 3.5 v, i d = 0.02 a r ds(on) - - - 1.6 6.5 3.5 w
bss 145 data sheet 3 05.99 electrical characteristics, at t j = 25?c, unless otherwise specified parameter symbol values unit min. typ. max. dynamic characteristics transconductance v ds 3 2 * i d * r ds(on)max, i d = 0.2 a g fs 0.12 0.2 - s input capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c iss - 60 80 pf output capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c oss - 15 20 reverse transfer capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c rss - 5 8 turn-on delay time v dd = 30 v, v gs = 10 v, i d = 0.2 a r gs = 50 w t d(on) - 5 8 ns rise time v dd = 30 v, v gs = 10 v, i d = 0.2 a r gs = 50 w t r - 6 10 turn-off delay time v dd = 30 v, v gs = 10 v, i d = 0.2 a r gs = 50 w t d(off) - 12 16 fall time v dd = 30 v, v gs = 10 v, i d = 0.2 a r gs = 50 w t f - 15 20
bss 145 data sheet 4 05.99 electrical characteristics, at t j = 25?c, unless otherwise specified parameter symbol values unit min. typ. max. reverse diode inverse diode continuous forward current t a = 25 ?c i s - - 0.22 a inverse diode direct current,pulsed t a = 25 ?c i sm - - 0.88 inverse diode forward voltage v gs = 0 v, i f = 0.4 a, t j = 25 ?c v sd - 0.9 1.4 v
bss 145 data sheet 5 05.99 power dissipation p tot = | ( t a ) 0 20 40 60 80 100 120 ?c 160 t a 0.00 0.04 0.08 0.12 0.16 0.20 0.24 0.28 0.32 w 0.40 p tot drain current i d = | ( t a ) parameter: v gs 3 10 v 0 20 40 60 80 100 120 ?c 160 t a 0.00 0.02 0.04 0.06 0.08 0.10 0.12 0.14 0.16 0.18 0.20 a 0.24 i d safe operating area i d =f( v ds ) parameter : d = 0.01, t c =25?c drain-source breakdown voltage v (br)dss = | ( t j ) -60 -20 20 60 100 ?c 160 t j 58 60 62 64 66 68 70 72 74 v 77 v (br)dss
bss 145 data sheet 6 05.99 typ. output characteristics i d = |( v ds ) parameter: t p = 80 s , t j = 25 ?c 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 v 5.0 v ds 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 a 0.50 i d v gs [v] a a 2.5 b b 3.0 c c 3.5 d d 4.0 e e 4.5 f f 5.0 g g 5.5 h h 6.0 i i 7.0 j j 8.0 k k 9.0 l p tot = 0w l 10.0 typ. drain-source on-resistance r ds (on) = |( i d ) parameter: t p = 80 s, t j = 25 ?c 0.00 0.04 0.08 0.12 0.16 0.20 0.24 0.28 0.32 a 0.38 i d 0 1 2 3 4 5 6 7 8 9 w 11 r ds (on) v gs [v] = a 2.5 v gs [v] = a a 3.0 b b 3.5 c c 4.0 d d 4.5 e e 5.0 f f 5.5 g g 6.0 h h 7.0 i i 8.0 j j 9.0 k k 10.0 typ. transfer characteristics i d = f ( v gs ) parameter: t p = 80 s 0 1 2 3 4 5 6 7 8 v 10 v gs 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 a 1.0 i d typ. forward transconductance g fs = f ( i d ) parameter: t p = 80 s, 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 a 0.9 i d 0.00 0.05 0.10 0.15 0.20 0.25 0.30 s 0.40 g fs
bss 145 data sheet 7 05.99 drain-source on-resistance r ds (on) = | ( t j ) parameter: i d = 0.2 a, v gs = 10 v -60 -20 20 60 100 ?c 160 t j 0 1 2 3 4 5 6 7 w 9 r ds (on) typ 98% gate threshold voltage v gs (th) = | ( t j ) parameter: v gs = v ds , i d = 1 ma 0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 v 4.6 v gs(th) -60 -20 20 60 100 ?c 160 t j 2% typ 98% typ. capacitances c = f ( v ds ) parameter: v gs =0v, f = 1 mhz 0 5 10 15 20 25 30 v 40 v ds 0 10 1 10 2 10 3 10 pf c c rss c oss c iss forward characteristics of reverse diode i f = | ( v sd ) parameter: t j , t p = 80 s -3 10 -2 10 -1 10 0 10 a i f 0.0 0.4 0.8 1.2 1.6 2.0 2.4 v 3.0 v sd t j = 25 ?c typ t j = 25 ?c (98%) t j = 150 ?c typ t j = 150 ?c (98%)


▲Up To Search▲   

 
Price & Availability of BSS145E6913

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X